Part Number Hot Search : 
167BZXC MCD56 A504ERW 001456 K6A60D IRF9632 01500 D8407N
Product Description
Full Text Search
 

To Download ISL55004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL55002, ISL55004
Data Sheet July 15, 2005 FN7497.1
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
The ISL55002 and ISL55004 are high speed, low power, low cost monolithic operational amplifiers. The ISL55002 and ISL55004 are unity-gain stable and feature a 300V/s slew rate and 220MHz bandwidth while requiring only 9mA of supply current. The power supply operating range of the ISL55002 and ISL55004 is from 15V down to 2.5V. For single-supply operation, the ISL55002 and ISL55004 operate from 30V down to 5V. The ISL55002 and ISL55004 also feature an extremely wide output voltage swing of -12.75V/+13.4V with VS = 15V and RL = 1k. At a gain of +1, the ISL55002 and ISL55004 have a -3dB bandwidth of 220MHz with a phase margin of 50. Because of its conventional voltage-feedback topology, the ISL55002 and ISL55004 allow the use of reactive or non-linear elements in its feedback network. This versatility combined with low cost and 140mA of output-current drive makes the ISL55002 and ISL55004 an ideal choice for price-sensitive applications requiring low power and high speed. The ISL55002 is available in an 8-pin SO package and the ISL55004 in a 14-pin SO (0.150") package. All are specified for operation over the full -40C to +85C temperature range.
Features
* 220MHz -3dB bandwidth * Unity-gain stable * Low supply current: 9mA @ VS = 15V * Wide supply range: 2.5V to 15V dual-supply and 5V to 30V single-supply * High slew rate: 300V/s * Fast settling: 75ns to 0.1% for a 10V step * Wide output voltage swing: -12.75V/+13.6V with VS = 15V, RL = 1k * Low cost, enhanced replacement for the AD847 and LM6361 * Pb-free plus anneal available (RoHS compliant)
Applications
* Video amplifiers * Single-supply amplifiers * Active filters/integrators * High speed sample-and-hold * High speed signal processing * ADC/DAC buffers * Pulse/RF amplifiers * Pin diode receivers * Log amplifiers * Photo multiplier amplifiers * Difference amplifiers
Pinouts
ISL55002 (8-PIN SO) TOP VIEW
OUT 1 IN1- 2 IN1+ 3 VS- 4 -+ +8 VS+ 7 OUT2 6 IN25 IN2+
ISL55004 [14-PIN SO (0.150")] TOP VIEW
OUT1 1 IN1- 2 IN1+ 3 VS+ 4 IN2+ 5 IN2- 6 OUT2 7 -+ +-+ +14 OUT4 13 IN412 IN4+ 11 VS10 IN3+ 9 IN38 OUT3
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL55002, ISL55004 Ordering Information
PART NUMBER ISL55002IB ISL55002IB-T7 ISL55002IB-T13 ISL55002IBZ (See Note) ISL55002IBZ-T7 (See Note) ISL55002IBZ-T13 (See Note) ISL55004IB ISL55004IB-T7 ISL55004IB-T13 ISL55004IBZ (See Note) ISL55004IBZ-T7 (See Note) ISL55004IBZ-T13 (See Note) PACKAGE 8-Pin SO 8-Pin SO 8-Pin SO 8-Pin SO (Pb-Free) 8-Pin SO (Pb-Free) 8-Pin SO (Pb-Free) 14-Pin SO (0.150") 14-Pin SO (0.150") 14-Pin SO (0.150") 14-Pin SO (0.150") (Pb-Free) 14-Pin SO (0.150") (Pb-Free) 14-Pin SO (0.150") (Pb-Free) TAPE & REEL 7" 13" 7" 13" 7" 13" PKG. DWG. # M8.15 M8.15 M8.15 M8.15 M8.15 M8.15 M14.15 M14.15 M14.15 M14.15
7"
M14.15
13"
M14.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2
FN7497.1 July 15, 2005
ISL55002, ISL55004
Absolute Maximum Ratings (TA = 25C)
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V or 33V Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VS Differential Input Voltage (dVIN). . . . . . . . . . . . . . . . . . . . . . . . .10V Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . . See Curves Operating Temperature Range (TA). . . . . . . . . . . . . .-40C to +85C Operating Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . +150C Storage Temperature (TST) . . . . . . . . . . . . . . . . . . .-65C to +150C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
PARAMETER VOS TCVOS IB IOS TCIOS AVOL PSRR CMRR CMIR VOUT Input Offset Voltage
VS = 15V, RL = 1k, TA = 25C, unless otherwise specified. CONDITION VS = 15V MIN TYP 1.2 MAX 5 UNIT mV V/C VS = 15V VS = 15V 0.6 0.2 TBD VS = 15V, VOUT = 10V, RL = 1k VS = 5V to 15V VCM = 10V, VOUT = 0V VS = 15V VO+, RL = 1k VO-, RL = 1k VO+, RL = 150 VO-, RL = 150 13.3 -12.6 9.6 -6.5 80 12000 75 75 21000 100 90 13 13.4 -12.75 10.7 -8.2 140 9 2.0 AV = +1 @10MHz AV = +1 Dual supply Single supply 2.25 4.5 3.2 1 50 15 30 9.5 3.5 2 A A nA/C V/V dB dB V V/V V/V V/V V/V mA mA M pF m V V
DESCRIPTION
Average Offset Voltage Drift Input Bias Current Input Offset Current Average Offset Current Drift (Note 1) Open-loop Gain Power Supply Rejection Ratio Common-mode Rejection Ratio Common-mode Input Range Output Voltage Swing
ISC IS RIN CIN ROUT PSOR
Output Short Circuit Current Supply Current (per amplifier) Input Resistance Input Capacitance Output Resistance Power Supply Operating Range
TA = 25C VS = 15V, no load
NOTE: 1. Measured from TMIN to TMAX.
AC Electrical Specifications
PARAMETER BW
VS = 15V, AV = +1, RL = 1k unless otherwise specified. CONDITION VS = 15V, AV = +1 VS = 15V, AV = -1 VS = 15V, AV = +2 VS = 15V, AV = +5 MIN TYP 220 55 53 17 70 55 MAX UNIT MHz MHz MHz MHz MHz
DESCRIPTION -3dB Bandwidth (VOUT = 0.4VPP)
GBWP PM
Gain Bandwidth Product Phase Margin
VS = 15V RL = 1k, CL = 5pF
3
FN7497.1 July 15, 2005
ISL55002, ISL55004
AC Electrical Specifications
PARAMETER SR FPBW tS dG dP eN iN NOTES: 1. Slew rate is measured on rising edge. 2. For VS = 15V, VOUT = 10VPP, for VS = 5V, VOUT = 5VPP. Full-power bandwidth is based on slew rate measurement using FPBW = SR / (2 * VPEAK). 3. Video performance measured at VS = 15V, AV = +2 with two times normal video level across RL = 150. This corresponds to standard video levels across a back-terminated 75 load. For other values or RL, see curves. Slew Rate (Note 1) Full-power Bandwidth (Note 2) Settling to +0.1% (AV = +1) Differential Gain (Note 3) Differential Phase Input Noise Voltage Input Noise Current VS = 15V VS = 15V, 10V step NTSC/PAL NTSC/PAL 10kHz 10kHz VS = 15V, AV = +1, RL = 1k unless otherwise specified. (Continued) CONDITION MIN 260 TYP 300 9.5 75 0.01 0.05 12 1.5 MAX UNIT V/s MHz ns % nV/Hz pA/Hz
DESCRIPTION
Typical Performance Curves
FIGURE 1. OPEN-LOOP GAIN vs FREQUENCY
FIGURE 2. OPEN-LOOP PHASE vs FREQUENCY
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS NONINVERTING GAIN SETTINGS
FIGURE 4. GAIN vs FREQUENCY FOR VARIOUS INVERTING GAIN SETTINGS
4
FN7497.1 July 15, 2005
ISL55002, ISL55004 Typical Performance Curves
FIGURE 5. PHASE vs FREQUENCY FOR VARIOUS NONINVERTING GAIN SETTINGS
FIGURE 6. PHASE vs FREQUENCY FOR VARIOUS INVERTING GAIN SETTINGS
350
SLEW RATE (V/s)
AV=+2 RF=500 300 RL=500 CL=5pF 250 200 150 100
POSITIVE SLEW RATE NEGATIVE SLEW RATE
0
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGES (V)
FIGURE 7. GAIN BANDWIDTH PRODUCT vs SUPPLY
FIGURE 8. SLEW RATE vs SUPPLY
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS RLOAD (AV = +1)
FIGURE 10. GAIN vs FREQUENCY FOR VARIOUS RLOAD (AV = +2)
5
FN7497.1 July 15, 2005
ISL55002, ISL55004 Typical Performance Curves
FIGURE 11. GAIN vs FREQUENCY FOR VARIOUS CLOAD (AV = +1)
FIGURE 12. GAIN vs FREQUENCY FOR VARIOUS CLOAD (AV = +2)
FIGURE 13. GAIN vs FREQUENCY FOR VARIOUS RFEEDBACK (AV = +1)
FIGURE 14. GAIN vs FREQUENCY FOR VARIOUS RFEEDBACK (AV = +2)
5
NORMALIZED GAIN (dB)
AV=+1 RF=0 3 RL=500 CL=5pF 1
VS=5V
VS=2.5V
-1
VS=15V VS=10V
-3
-5 100K
1M
10M FREQUENCY (Hz)
100M
1G
FIGURE 15. GAIN vs FREQUENCY FOR VARIOUS INVERTING INPUT CAPACITANCE (CIN)
FIGURE 16. GAIN vs FREQUENCY FOR VARIOUS SUPPLY SETTINGS
6
FN7497.1 July 15, 2005
ISL55002, ISL55004 Typical Performance Curves
FIGURE 17. COMMON-MODE REJECTION RATIO (CMRR)
-20 HARMONIC DISTORTION (dBc)
FIGURE 18. POWER SUPPLY REJECTION RATIO (PSRR)
VS=15V -30 AV=+1 RF=0 -40 RL=500 CL=5pF -50 VOUT=2VP-P -60 -70 -80 -90 -100 500K 1M 10M FREQUENCY (Hz) 3RD HD
THD
2ND HD
40M
FIGURE 19. HARMONIC DISTORTION vs FREQUENCY (AV = +1)
FIGURE 20. HARMONIC DISTORTION vs OUTPUT VOLTAGE (AV = +2)
FIGURE 21. OUTPUT SWING vs FREQUENCY FOR VARIOUS GAIN SETTINGS
FIGURE 22. OUTPUT SWING vs SUPPLY VOLTAGE FOR VARIOUS GAIN SETTINGS
7
FN7497.1 July 15, 2005
ISL55002, ISL55004 Typical Performance Curves
20% to 80% 80% to 20% 20% to 80% 80% to 20%
FIGURE 23. LARGE SIGNAL RISE AND FALL TIMES
FIGURE 24. SMALL SIGNAL RISE AND FALL TIMES
1.2 POWER DISSIPATION (W)
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
1 1.042W 0.8 781mW 0.6 0.4 0.2 0
SO14 JA=120C/W
SO8 JA=160C/W
0
25
50
75 85 100
125
150
AMBIENT TEMPERATURE (C)
FIGURE 25. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
1.8 1.6 POWER DISSIPATION (W) 1.4 1.2
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
1.420W SO14 JA=88C/W
1 1.136W 0.8 0.6 0.4 0.2 0 0 25 50
SO8 JA=110C/W
75 85 100
125
150
AMBIENT TEMPERATURE (C)
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
8
FN7497.1 July 15, 2005
ISL55002, ISL55004 Product Description
The ISL55002 and ISL55004 are wide bandwidth, low power, and low offset voltage feedback operational amplifiers. These devices are internally compensated for closed loop gain of +1 or greater. Connected in voltage follower mode and driving a 500 load, the -3dB bandwidth is around a 220MHz. Driving a 150 load and a gain of 2, the bandwidth is about 90MHz while maintaining a 300V/s slew rate. The ISL55002 and ISL55004 are designed to operate with supply voltage from +15V to -15V. That means for single supply application, the supply voltage is from 0V to 30V. For split supplies application, the supply voltage is from 15V. The amplifier has an input common-mode voltage range from 1.5V above the negative supply (VS- pin) to 1.5V below the positive supply (VS+ pin). If the input signal is outside the above specified range, it will cause the output signal to be distorted. The outputs of the ISL55002 and ISL55004 can swing from -12.75V to +13.4V for VS = 15V. As the load resistance becomes lower, the output swing is lower. (usually between 5 to 50) can be placed in series with the output to eliminate most peaking. However, this will reduce the gain slightly. If the gain setting is greater than 1, the gain resistor RG can then be chosen to make up for any gain loss which may be created by the additional series resistor at the output. When used as a cable driver, double termination is always recommended for reflection-free performance. For those applications, a back-termination series resistor at the amplifier's output will isolate the amplifier from the cable and allow extensive capacitive drive. However, other applications may have high capacitive loads without a back-termination resistor. Again, a small series resistor at the output can help to reduce peaking.
Output Drive Capability
The ISL55002 and ISL55004 do not have internal short circuit protection circuitry. They have a typical short circuit current of 140mA. If the output is shorted indefinitely, the power dissipation could easily overheat the die or the current could eventually compromise metal integrity. Maximum reliability is maintained if the output current never exceeds 60mA. This limit is set by the design of the internal metal interconnect. Note that in transient applications, the part is robust. Short circuit protection can be provided externally with a back match resistor in series with the output placed close as possible to the output pin. In video applications this would be a 75 resistor and will provide adequate short circuit protection to the device. Care should still be taken not to stress the device with a short at the output.
Choice Of Feedback Resistor And Gain Bandwidth Product
For applications that require a gain of +1, no feedback resistor is required. Just short the output pin to the inverting input pin. For gains greater than +1, the feedback resistor forms a pole with the parasitic capacitance at the inverting input. As this pole becomes smaller, the amplifier's phase margin is reduced. This causes ringing in the time domain and peaking in the frequency domain. Therefore, RF can't be very big for optimum performance. If a large value of RF must be used, a small capacitor in the few Pico farad range in parallel with RF can help to reduce the ringing and peaking at the expense of reducing the bandwidth. For gain of +1, RF = 0 is optimum. For the gains other than +1, optimum response is obtained with RF with proper selection of RF and RG (see Figures15 and 16 for selection.)
Power Dissipation
With the high output drive capability of the ISL55002 and ISL55004, it is possible to exceed the 150C absolute maximum junction temperature under certain load current conditions. Therefore, it is important to calculate the maximum junction temperature for an application to determine if load conditions or package types need to be modified to assure operation of the amplifier in a safe operating area. The maximum power dissipation allowed in a package is determined according to:
T JMAX - T AMAX PD MAX = ------------------------------------------- JA
Video Performance
For good video performance, an amplifier is required to maintain the same output impedance and the same frequency response as DC levels are changed at the output. This is especially difficult when driving a standard video load of 150, because of the change in output current with DC level. The dG and dP of this device is about 0.01% and 0.05, while driving 150 at a gain of 2. Driving high impedance loads would give a similar or better dG and dP performance.
Where: * TJMAX = Maximum junction temperature * TAMAX = Maximum ambient temperature * JA = Thermal resistance of the package The maximum power dissipation actually produced by an IC is the total quiescent supply current times the total power supply voltage, plus the power in the IC due to the load, or:
FN7497.1 July 15, 2005
Driving Capacitive Loads and Cables
The ISL55002 and ISL55004 can drive 47pF loads in parallel with 500 with less than 3dB of peaking at gain of +1 and as much as 100pF at a gain of +2 with under 3db of peaking. If less peaking is desired in applications, a small series resistor 9
ISL55002, ISL55004
For sourcing:
n
Sullen Key High Pass Filter
V OUTi
PD MAX = V S x I SMAX +
i=1
( VS - VOUTi ) x ----------------R Li
n
For sinking:
PD MAX = V S x I SMAX +
Again this useful filter benefits from the characteristics of the ISL55002 and ISL55004. The transfer function is very similar to the low pass so only the results are presented (See Figure 29).
( VOUTi - VS ) x ILOADi
i=1
Where: * VS = Supply voltage * ISMAX = Maximum quiescent supply current * VOUT = Maximum output voltage of the application * RLOAD = Load resistance tied to ground * ILOAD = Load current * N = number of amplifiers (max = 2) By setting the two PDMAX equations equal to each other, we can solve the output current and RLOAD to avoid the device overheat.
Power Supply Bypassing Printed Circuit Board Layout
As with any high frequency device, a good printed circuit board layout is necessary for optimum performance. Lead lengths should be as short as possible. The power supply pin must be well bypassed to reduce the risk of oscillation. For normal single supply operation, where the VS- pin is connected to the ground plane, a single 4.7F tantalum capacitor in parallel with a 0.1F ceramic capacitor from VS+ to GND will suffice. This same capacitor combination should be placed at each supply pin to ground if split supplies are to be used. In this case, the VS- pin becomes the negative supply rail.
Printed Circuit Board Layout
For good AC performance, parasitic capacitance should be kept to minimum. Use of wire wound resistors should be avoided because of their additional series inductance. Use of sockets should also be avoided if possible. Sockets add parasitic inductance and capacitance that can result in compromised performance. Minimizing parasitic capacitance at the amplifier's inverting input pin is very important. The feedback resistor should be placed very close to the inverting input pin. Strip line design techniques are recommended for the signal traces.
Application Circuits
Sullen Key Low Pass Filter
A common and easy to implement filter taking advantage of the wide bandwidth, low offset and low power demands of the ISL55002 and ISL55004. A derivation of the transfer function is provided for convenience (See Figure 28).
10
FN7497.1 July 15, 2005
ISL55002, ISL55004
RB RA
V2 5V C5 1nF
K = 1+ Vo = K
C1 1nF R1 V1 1k R2 1k C2 1nF + RB RA 1k 1k
V+ V-
VOUT R7 1k
1 V1 R2C2s + 1 Vo V1 - Vi K - V1 + Vo - Vi = 0 1+ 1 R1 R2 C1s K H(s) = R1C1R2C2s 2 + ((1 - K )R1C1 + R1C2 + R21C2)s + 1 1 H( jw ) = 2 1 - w R1C1R2C2 + jw ((1 - K )R1C1 + R1C2 + R2C2) Holp = K wo = Q= 1 R1C1R2C2 1 R1C1 R1C2 R2C2 (1 - K ) + + R2C2 R2C1 R1C1
C5 1nF V3 5V
Holp = K 1 wo = RC 1 Q= 3 -K
FIGURE 28. SULLEN KEY LOW PASS FILTER
Equations simplify if we let all components be equal R=C
V2 5V C5 1nF
Holp = K wo = Q= (1 - K ) 1 R1C1R2C2 1 R1C1 R1C2 R2C2 + + R2C2 R2C1 R1C1
C1 1nF R1 V1 1k R2 1k C2 1nF + RB RA 1k 1k
V+ V-
VOUT R7 1k
Holp =
C5 1nF V3 5V
K 4 -K
Equations simplify if we let all components be equal R=C
wo =
2 RC
2 Q= 4 -K
FIGURE 29. SULLEN KEY HIGH PASS FILTER
11
FN7497.1 July 15, 2005
ISL55002, ISL55004
Differential Output Instrumentation Amplifier
The addition of a third amplifier to the conventional three amplifier instrumentation amplifier introduces the benefits of differential signal realization, specifically the advantage of using common-mode rejection to remove coupled noise and ground potential errors inherent in remote transmission. This configuration also provides enhanced bandwidth, wider output swing and faster slew rate than conventional three amplifier solutions with only the cost of an additional amplifier and few resistors.
e1 A1 + R2 R3 R3
e o3 = - ( 1 + 2R 2 R G ) ( e 1 - e 2 ) e o = - 2 ( 1 + 2R 2 R G ) ( e 1 - e 2 ) 2f C1, 2 BW = ----------------A Di
e o4 = ( 1 + 2R 2 R G ) ( e 1 - e 2 )
A Di = - 2 ( 1 + 2R 2 R G )
Strain Gauge
The strain gauge is an ideal application to take advantage of the moderate bandwidth and high accuracy of the ISL55002 and ISL55004. The operation of the circuit is very straightforward. As the strain variable component resistor in the balanced bridge is subjected to increasing strain, its resistance changes, resulting in an imbalance in the bridge. A voltage variation from the referenced high accuracy source is generated and translated to the difference amplifier through the buffer stage. This voltage difference as a function of the strain is converted into an output voltage.
A3 + R3 R3 +
eo3
RG
R3
R3
REF eo
R2
A4 + R3 R3
eo4
A2 e2 +
+V 2 5V C6 VARIABLE SUBJECT TO STRAIN V5 + 0V R15 1k 1k R16 1k 1k RF 1k C12 1nF + V4 - 5V R17 R18 1k 1k 1nF V+ VVOUT RL (V1+V2+V3+V4) 1k
+ -
12
FN7497.1 July 15, 2005
ISL55002, ISL55004 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497 MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
L
B C D E e
0.050 BSC 0.2284 0.0099 0.016 8 0o 8o 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 8 0o 6.20 0.50 1.27

A1 0.10(0.004) C
H h L N
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
13
FN7497.1 July 15, 2005
ISL55002, ISL55004 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M14.15 (JEDEC MS-012-AB ISSUE C)
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 MIN 0.0532 0.0040 0.013 0.0075 0.3367 0.1497 MAX 0.0688 0.0098 0.020 0.0098 0.3444 0.1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 8.55 3.80 MAX 1.75 0.25 0.51 0.25 8.75 4.00 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
L
B C D E e
0.050 BSC 0.2284 0.0099 0.016 14 0o 8o 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 14 0o 6.20 0.50 1.27

A1 0.10(0.004) C
H h L N
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 14
FN7497.1 July 15, 2005


▲Up To Search▲   

 
Price & Availability of ISL55004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X